|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
SHINDENGEN Schottky Rectifiers (SBD) Modules D180SC6M 60V 180A FEATURES OUTLINE DIMENSIONS Case : Modules Unit : mm *oe capacity modules High *oe VF Low *oe Small AE jc APPLICATION *oe switching power supply Big *oe DC/DC converter *oe Mainframe *oe tester IC RATINGS *oeAbsolute Maximum Ratings* (If not specified Tc=25*Z*j @ Item Symbol Conditions RatingsUnits Storage Temperature Tstg -40*125 *Z Tj 125 *Z Operating Junction Temperature Maximum Reverse Voltage V 60 V RM V Repetitive Peak Surge Reverse Voltage Pulse 65 V RRSM width 100ms, duty 1/100 I 50Hz 180 Average Rectified Forward Current sine wave, R-load, Rating for each diode Io/3, Tc=78*ZA O IFSM Peak Surge Forward Current 50Hz sine wave, Non-repetitive 1cycle peak value, Rating of per diode Tj= 800 A Mounting Torque TOR 1.7 Nm *oeElectrical Characteristics* (If not specified Tc=25*Z*j @ Item Symbol Conditions V I =60A, Forward Voltage FF Pulse measurement, Rating of per diode I V=V , Pulse measurement, Rating of per diode Reverse Current R R RM =10V, Cj f=1MHz, V Rating of per diode Junction Capacitance R AEjc Thermal Resistance junction to case AEcfcase to heatsink, Mounting torque = 1.7Nm RatingsUnits Max.0.67 V Max.40 mA TYP 2.2 nF Max.0.25 Z/W * Max.0.12 Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd |
Price & Availability of D180SC6M |